Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSPT672-M Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LSPT672-M
Description  Super Multi TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPT672-M Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LSPT672-M Datasheet HTML 1Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 2Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 3Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 4Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 5Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 6Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 7Page - Siemens Semiconductor Group LSPT672-M Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennworte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
∆λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 50 mA
V
F
V
F
2.0
3.8
2.1
3.8
2.2
3.8
2.6
3.8
2.6
3.8*)
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
40
35
35
60
80
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
350
200
500
250
350
200
500
250
500
250
ns
ns
*)
V
F max = 3.2 V as of Febr. 97
LOY T672, LSG T672, LSP T672
LOP T672, LOG T672, LYP T672


Similar Part No. - LSPT672-M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSPT670 OSRAM-LSPT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPT670-FJ SIEMENS-LSPT670-FJ Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-G SIEMENS-LSPT670-G Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-GK SIEMENS-LSPT670-GK Datasheet
491Kb / 8P
   Multi TOPLED
LSPT670-H SIEMENS-LSPT670-H Datasheet
491Kb / 8P
   Multi TOPLED
More results

Similar Description - LSPT672-M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LST672 SIEMENS-LST672 Datasheet
471Kb / 8P
   Super TOPLED High-Current LED
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com