Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 60N06
Description  60A, 60V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06 Datasheet(HTML) 8 Page - Unisonic Technologies

  60N06 Datasheet HTML 1Page - Unisonic Technologies 60N06 Datasheet HTML 2Page - Unisonic Technologies 60N06 Datasheet HTML 3Page - Unisonic Technologies 60N06 Datasheet HTML 4Page - Unisonic Technologies 60N06 Datasheet HTML 5Page - Unisonic Technologies 60N06 Datasheet HTML 6Page - Unisonic Technologies 60N06 Datasheet HTML 7Page - Unisonic Technologies 60N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-121.C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 60N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N06 ISC-60N06 Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
60N06 VBSEMI-60N06 Datasheet
983Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
60N06-18 ISC-60N06-18 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
   60A 60V N CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
   60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
   60V ,60A N-Channel
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
   N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
logo
STMicroelectronics
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
logo
Fairchild Semiconductor
FDP14AN06LA0 FAIRCHILD-FDP14AN06LA0 Datasheet
250Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
   N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com