Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78MXX-T6C-K Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78MXX-T6C-K
Description  3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78MXX-T6C-K Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 78MXX-T6C-K Datasheet HTML 2Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 3Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 4Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 5Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 6Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 7Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 8Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 9Page - Unisonic Technologies 78MXX-T6C-K Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
78MXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R101-004,I
ELECTRICAL CHARACTERISTICS (Cont.)
FOR UTC78M12
(Refer to the test circuits, TMIN≤TJ≤125°C, IOUT=350mA, VIN=19V, unless otherwise specified,Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C
11.52 12.0
12.48
V
Output Voltage
VOUT
VIN =14.5V to 27V,
IOUT=5mA~350mA
11.40
12.60
V
TJ =25°C,IOUT=5mA~0.5A
240
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=5mA~2A
120
mV
VIN =14.5V to 30V
TJ =25°C,IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN =16V to 30V
TJ =25°C,IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.1
6.0
mA
VIN =14.5V to 30V,IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
75
μV
Ripple Rejection
RR
VIN =15V to 25V,f=120Hz
IOUT=300mA
55
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C,IOUT=500mA
2.0
V
FOR UTC78M15
(Refer to the test circuits, TMIN≤TJ≤125°C,IOUT=350mA,VIN=23V, unless otherwise specified,Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C
14.40 15.0
15.60
V
Output Voltage
VOUT
VIN =17.5V ~ 30V,
IOUT=5mA~350mA
14.25
15.75
V
TJ =25°C, IOUT=5mA~0.5A
300
mV
Load Regulation
ΔVOUT
TJ =25°C, IOUT=5mA~200mA
150
mV
VIN =17.5V ~ 30V
TJ =25°C, IOUT =200mA
100
mV
Line regulation
ΔVOUT
VIN =20V ~ 30V
TJ =25°C, IOUT =200mA
50
mV
Quiescent Current
IQ
TJ=25°C
4.1
6.0
mA
VIN =17.5V ~ 30V,IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100KHz
90
μV
Ripple Rejection
RR
VIN =18.5V ~ 28.5V
f=120Hz,IOUT=300mA
54
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C, IOUT=500mA
2.0
V


Similar Part No. - 78MXX-T6C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX-T6C-K UTC-78MXX-T6C-K Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78MXX-T6C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com