Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78DXXLG-TN3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78DXXLG-TN3-T
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXLG-TN3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  78DXXLG-TN3-T Datasheet HTML 1Page - Unisonic Technologies 78DXXLG-TN3-T Datasheet HTML 2Page - Unisonic Technologies 78DXXLG-TN3-T Datasheet HTML 3Page - Unisonic Technologies 78DXXLG-TN3-T Datasheet HTML 4Page - Unisonic Technologies 78DXXLG-TN3-T Datasheet HTML 5Page - Unisonic Technologies 78DXXLG-TN3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
78DXXL
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R101-036.B
ELECTRICAL CHARACTERISTICS(Cont.)
For 78D15L
(VIN=23V, IOUT=0.5A, CI =0.33μF, CO=0.1μF,)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
14.4
15
15.6
V
VIN =17.5~30V, IOUT=5mA~0.5A
14.25
15.75
V
Load Regulation
ΔVOUT
IOUT=5mA~0.5A
300
mV
IOUT=5mA~200mA
150
mV
Line Regulation
ΔVOUT
VIN=18.5~30V
300
mV
VIN=17.5~30V, IOUT=0.5A
300
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
ΔIQ
VIN=17.5~30V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-1.8
mV/°C
Ripple Rejection
RR
VIN=18.5~28.5V, f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78D18L
(VIN=27V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
17.28
18
18.72
V
VIN=21~33V,IOUT=5mA~0.5A
17.1
18.9
V
Load Regulation
ΔVOUT
IOUT=5mA~0.5A
360
mV
IOUT=5mA~200mA
180
mV
Line Regulation
ΔVOUT
VIN=21~33V
360
mV
VIN=21~33V, IOUT =0.5A
360
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
ΔIQ
VIN=21.5~33V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-2.2
mV/°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 78DXXLG-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXLG-TN3-R UTC-78DXXLG-TN3-R Datasheet
228Kb / 7P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXLG-TN3-R UTC-78DXXLG-TN3-R Datasheet
300Kb / 9P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXLG-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
   3-Terminals 0.5A Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS78DXX AMS-AMS78DXX Datasheet
488Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX Datasheet
171Kb / 7P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_10 Datasheet
359Kb / 10P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_12 Datasheet
350Kb / 8P
   3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com