Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXML-T9N-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78LXXML-T9N-K
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXML-T9N-K Datasheet(HTML) 3 Page - Unisonic Technologies

  78LXXML-T9N-K Datasheet HTML 1Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 2Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 3Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 4Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 5Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 6Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 7Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 8Page - Unisonic Technologies 78LXXML-T9N-K Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R101-002,I
ABSOLUTE MAXIMUM RATINGS
(Operating temperature range applies unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT=5~9V
VIN
30
V
VOUT=12~24V
35
V
Output Current
IOUT
200
mA
Power Dissipation
SOP-8
PD
500
mW
TO-92
625
TO-92L
800
TO-92NL
800
SOT-89
500
SOT-223
750
Ambient Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(0°C <TJ<125°C, C1=0.33uF, CO=0.1uF, unless otherwise specified) (Note 1)
For UTC78L05M (VIN=10V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦20V,IOUT=1mA ~ 40mA
4.75
5.25
V
7V≦VIN≦VMAX
IOUT=1mA-200mA
4.75
5.25
V
(Note 2)
Load Regulation
ΔVOUT
TJ=25°C, IOUT=1mA ~ 100mA
11
60
mV
TJ=25°C, IOUT=1mA ~ 40mA
5.0
30
mV
Line Regulation
ΔVOUT
7V≦VIN≦20V,TJ=25°C
8
150
mV
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
ΔIQ
8V≦VIN≦20V
1.5
mA
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
μV
Temperature Coefficient of VOUT
ΔVO/ΔT IOUT=5mA
-0.65
mV/°C
Ripple Rejection
RR
8V≦VIN≦20V,f=120Hz,TJ=25°C
41
80
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06M (VIN=12V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦20V, IOUT=1mA ~ 40mA
5.7
6.3
V
8.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
5.7
6.3
V
(Note 2)
Load Regulation
Δ VOUT
TJ=25°C, IOUT=1mA ~ 100mA
12.8
80
mV
TJ=25°C, IOUT=1mA ~ 70mA
5.8
40
mV
Line Regulation
Δ VOUT
8.5V≦VIN≦20V, TJ=25°C
64
175
mV
9V≦VIN≦20V, TJ=25°C
54
125
mV
Quiescent Current
IQ
3.9
6.0
mA
Quiescent Current Change
ΔIQ
9V≦VIN≦20V
1.5
mA
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
μV
Temperature Coefficient of VOUT
ΔVO/ΔT IOUT=5mA
0.75
mV/
°C
Ripple Rejection
RR
10V≦VIN≦20V, f=120Hz,TJ=25°C
40
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V


Similar Part No. - 78LXXML-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXML-T9N-K UTC-78LXXML-T9N-K Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXML-T9N-K ETL-78LXXML-T9N-K Datasheet
330Kb / 9P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXML-T9N-K UTC-78LXXML-T9N-K Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXML-T9N-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_17 Datasheet
204Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_10 Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_15 Datasheet
280Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com