Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGT671-JL Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSGT671-JL
Description  Multi TOPLED Bright Green Die
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSGT671-JL Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSGT671-JL Datasheet HTML 1Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 2Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 3Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 4Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 5Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 6Page - Siemens Semiconductor Group LSGT671-JL Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LOG T671, LSG T671
Semiconductor Group
2
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspanung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm2)
R
th JA
400
K/W
*) PC-board: FR4


Similar Part No. - LSGT671-JL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670-HK SIEMENS-LSGT670-HK Datasheet
491Kb / 8P
   Multi TOPLED
LSGT670-J SIEMENS-LSGT670-J Datasheet
491Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670-J+J OSRAM-LSGT670-J+J Datasheet
84Kb / 9P
   Multi TOPLED
More results

Similar Description - LSGT671-JL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGT671 SIEMENS-LGT671 Datasheet
362Kb / 7P
   TOPLED Bright Green Die
LSGA671 SIEMENS-LSGA671 Datasheet
50Kb / 7P
   Multi SIDELED Bright Green Die
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Marktech Corporate
LM1-PPG1-01-N1 MARKTECH-LM1-PPG1-01-N1 Datasheet
57Kb / 2P
   Ultra Bright Green TOPLED LED
logo
Siemens Semiconductor G...
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
   Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
   Multi TOPLED
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
   Multi TOPLED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com