Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2530F128 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2530F128
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F128 Datasheet(HTML) 1 Page - Texas Instruments

  CC2530F128 Datasheet HTML 1Page - Texas Instruments CC2530F128 Datasheet HTML 2Page - Texas Instruments CC2530F128 Datasheet HTML 3Page - Texas Instruments CC2530F128 Datasheet HTML 4Page - Texas Instruments CC2530F128 Datasheet HTML 5Page - Texas Instruments CC2530F128 Datasheet HTML 6Page - Texas Instruments CC2530F128 Datasheet HTML 7Page - Texas Instruments CC2530F128 Datasheet HTML 8Page - Texas Instruments CC2530F128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
CC2530F32, CC2530F64
CC2530F128, CC2530F256
www.ti.com
SWRS081B
– APRIL 2009 – REVISED FEBRUARY 2011
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Check for Samples: CC2530F32, CC2530F64, CC2530F128, CC2530F256
1
FEATURES
– IEEE 802.15.4 MAC Timer, General-Purpose
Timers (One 16-Bit, Two 8-Bit)
2345
• RF/Layout
– IR Generation Circuitry
– 2.4-GHz IEEE 802.15.4 Compliant RF
Transceiver
– 32-kHz Sleep Timer With Capture
– Excellent Receiver Sensitivity and
– CSMA/CA Hardware Support
Robustness to Interference
– Accurate Digital RSSI/LQI Support
– Programmable Output Power Up to 4.5 dBm
– Battery Monitor and Temperature Sensor
– Very Few External Components
– 12-Bit ADC With Eight Channels and
– Only a Single Crystal Needed for
Configurable Resolution
Asynchronous Networks
– AES Security Coprocessor
– 6-mm × 6-mm QFN40 Package
– Two Powerful USARTs With Support for
– Suitable for Systems Targeting Compliance
Several Serial Protocols
With Worldwide Radio-Frequency
– 21 General-Purpose I/O Pins
Regulations: ETSI EN 300 328 and EN 300
(19
× 4 mA, 2 × 20 mA)
440 (Europe), FCC CFR47 Part 15 (US) and
– Watchdog Timer
ARIB STD-T-66 (Japan)
Development Tools
Low Power
– CC2530 Development Kit
– Active-Mode RX (CPU Idle): 24 mA
– CC2530 ZigBee® Development Kit
– Active Mode TX at 1 dBm (CPU Idle): 29 mA
– CC2530 RemoTI™ Development Kit for
– Power Mode 1 (4 μs Wake-Up): 0.2 mA
RF4CE
– Power Mode 2 (Sleep Timer Running): 1 μA
– SmartRF™ Software
– Power Mode 3 (External Interrupts): 0.4 μA
– Packet Sniffer
– Wide Supply-Voltage Range (2 V–3.6 V)
– IAR Embedded Workbench™ Available
Microcontroller
– High-Performance and Low-Power 8051
APPLICATIONS
Microcontroller Core With Code Prefetch
2.4-GHz IEEE 802.15.4 Systems
– 32-, 64-, 128-, or 256-KB
RF4CE Remote Control Systems (64-KB Flash
and Higher)
In-System-Programmable Flash
ZigBee Systems (256-KB Flash)
– 8-KB RAM With Retention in All Power
Home/Building Automation
Modes
Lighting Systems
– Hardware Debug Support
Industrial Control and Monitoring
Low-Power Wireless Sensor Networks
Peripherals
Consumer Electronics
– Powerful Five-Channel DMA
Health Care
– Integrated High-Performance Op-Amp and
Ultralow-Power Comparator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
RemoTI, SmartRF, Z-Stack are trademarks of Texas Instruments.
3
IAR Embedded Workbench is a trademark of IAR Systems AB.
4
ZigBee is a registered trademark of the ZigBee Alliance.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2530F128

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F128 APLUS-CC2530F128 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F128 TI-CC2530F128 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F128

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com