Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXXMG-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 78LXXMG-T92-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXMG-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  78LXXMG-T92-R Datasheet HTML 1Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXXMG-T92-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-002,I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
05:5.0V
06:6.0V
08:8.0V
09:9.0V
10:10V
12:12V
15:15V
18:18V
24:24V
12
3
Date Code
Voltage Code
78L
L: Lead Free
G:Halogen Free
M
SOP-8
UTC
Date Code
78L
L: Lead Free
G: Halogen Free
Voltage Code
M
SOT-89
TO-92/
TO-92NL
UTC
78L
1
Date Code
Voltage Code
L: Lead Free
G: Halogen Free
M


Similar Part No. - 78LXXMG-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXMG-T92-R UTC-78LXXMG-T92-R Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXMG-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_17 Datasheet
204Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_10 Datasheet
317Kb / 10P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_15 Datasheet
280Kb / 8P
   3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com