Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78TXXAG-TQ3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78TXXAG-TQ3-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAG-TQ3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  78TXXAG-TQ3-T Datasheet HTML 1Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 2Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 3Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 4Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 5Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 6Page - Unisonic Technologies 78TXXAG-TQ3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R101-011.J
ELECTRICAL CHARACTERISTICS(Cont.)
FOR 78T07A
(VIN=13V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA-1.0A
6.72
7.0
7.28
V
Output Voltage
VOUT
VIN=9.5V~22V,IOUT=5mA-1.0A,PD 15W
6.65
7.35
V
TJ=25°C, IOUT=5mA-1.0A
70
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
35
mV
VIN=9V~25V, TJ=25°C
70
mV
Line regulation
ΔVOUT
VIN=9.5V~22V, TJ=25°C, IOUT=1.0A
70
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
8.0
mA
VIN=9.5V~22V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
50
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.8
mV/
°C
Ripple Rejection
RR
VIN=10V-20V, f=120Hz, TJ=25°C
59
75
dB
Peak Output Current
IPEAK
TJ=25°C
1.7
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T08A
(VIN=14V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA-1.0A
7.68
8.0
8.32
V
Output Voltage
VOUT
VIN=10.5V~23V,IOUT=5mA-1.0A,PD 15W
7.60
8.40
V
TJ=25°C, IOUT=5mA-1.0A
80
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
40
mV
VIN=10.5V~25V, TJ=25°C
80
mV
Line regulation
ΔVOUT
VIN=10.5V~23V, TJ=25°C, IOUT=1.0A
80
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
8.0
mA
VIN=10.5V~23V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
58
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-0.9
mV/
°C
Ripple Rejection
RR
VIN=11.5V~21.5V, f=120Hz, TJ=25°C
56
72
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T09A
(VIN=15V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C, IOUT=5mA - 1.0A
8.64
9.0
9.36
V
Output Voltage
VOUT
VIN=11.5V~24V,IOUT=5mA-1.0A,PD 15W
8.55
9.45
V
TJ=25°C, IOUT=5mA-1.0A
90
mV
Load Regulation
ΔVOUT
TJ=25°C, IOUT=0.25A-0.75A
45
mV
VIN=11.5V~25 V, TJ=25°C
90
mV
Line regulation
ΔVOUT
VIN=11.5V~24V, TJ=25°C, IOUT=1.0A
90
mV
Quiescent Current
IQ
TJ=25°C, IOUT 1.0A
8.0
mA
VIN=11.5V~24V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA–1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
58
μV
Temperature coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-1.1
mV/
°C
Ripple Rejection
RR
VIN=12.5V~22.5V,
f=120Hz, TJ=25°C
56
72
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V


Similar Part No. - 78TXXAG-TQ3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXXAG-TQ3-T UTC-78TXXAG-TQ3-T Datasheet
223Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAG-TQ3-T UTC-78TXXAG-TQ3-T Datasheet
225Kb / 7P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAG-TQ3-T UTC-78TXXAG-TQ3-T Datasheet
349Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAG-TQ3-T UTC-78TXXAG-TQ3-T Datasheet
361Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78TXXAG-TQ3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com