Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2540F256 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2540F256
Description  2.4-GHz Bluetooth짰 low energy System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2540F256 Datasheet(HTML) 4 Page - Texas Instruments

  CC2540F256 Datasheet HTML 1Page - Texas Instruments CC2540F256 Datasheet HTML 2Page - Texas Instruments CC2540F256 Datasheet HTML 3Page - Texas Instruments CC2540F256 Datasheet HTML 4Page - Texas Instruments CC2540F256 Datasheet HTML 5Page - Texas Instruments CC2540F256 Datasheet HTML 6Page - Texas Instruments CC2540F256 Datasheet HTML 7Page - Texas Instruments CC2540F256 Datasheet HTML 8Page - Texas Instruments CC2540F256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CC2540F128, CC2540F256
SWRS084C
– OCTOBER 2010 – REVISED NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
–0.3
VDD + 0.3,
Voltage on any digital pin
V
≤ 3.9
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pads, according to human-body model, JEDEC STD 22, method A114
2
kV
ESD(2)
According to charged-device model, JEDEC STD 22, method C101
750
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precautions should be used when handing the device in order to prevent permanent damage.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
85
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power mode 1. Digital regulator on; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, BOD
235
and sleep timer active; RAM and register retention
Power mode 2. Digital regulator off; 16-MHz RCOSC and
µA
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, and
0.9
Icore
Core current consumption
sleep timer active; RAM and register retention
Power mode 3. Digital regulator off; no clocks; POR active;
0.4
RAM and register retention
Low MCU activity: 32-MHz XOSC running. No radio or
6.7
mA
peripherals. No flash access, no RAM access.
Timer 1. Timer running, 32-MHz XOSC used
90
μA
Timer 2. Timer running, 32-MHz XOSC used
90
μA
Peripheral current consumption
Timer 3. Timer running, 32-MHz XOSC used
60
μA
Iperi
(Adds to core current Icore for each
Timer 4. Timer running, 32-MHz XOSC used
70
μA
peripheral unit activated)
Sleep timer, including 32.753-kHz RCOSC
0.6
μA
ADC, when converting
1.2
mA
4
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CC2540F128 CC2540F256


Similar Part No. - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F256 TI1-CC2540F256 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F256 TI1-CC2540F256 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F256RHAR TI1-CC2540F256RHAR Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results

Similar Description - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540 TI-CC2540_15 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com