Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2595RGTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2595RGTR
Description  2.4-GHz RF FRONT END
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2595RGTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2595RGTR Datasheet HTML 2Page - Texas Instruments CC2595RGTR Datasheet HTML 3Page - Texas Instruments CC2595RGTR Datasheet HTML 4Page - Texas Instruments CC2595RGTR Datasheet HTML 5Page - Texas Instruments CC2595RGTR Datasheet HTML 6Page - Texas Instruments CC2595RGTR Datasheet HTML 7Page - Texas Instruments CC2595RGTR Datasheet HTML 8Page - Texas Instruments CC2595RGTR Datasheet HTML 9Page - Texas Instruments CC2595RGTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
13
14
15
16
17
18
19
20
21
22
23
2.38
2.4
2.42
2.44
2.46
2.48
2.5
2.52
Frequency - GHz
38.0%
39.0%
40.0%
41.0%
42.0%
43.0%
44.0%
45.0%
46.0%
47.0%
48.0%
P
(27°C)
OUT
P
(-40°C)
OUT
P
(85°C)
OUT
PAE (27°C)
PAE (-40°C)
PAE (85°C)
CC2595
SWRS090A
– SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
POUT and PAE
vs
Frequency
(Three Temperatures and 3-V Supply, 0-dBm Input)
Figure 6.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CC2595


Similar Part No. - CC2595RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595RGTR TI-CC2595RGTR Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
More results

Similar Description - CC2595RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com