Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF7960A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7960A
Description  MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7960A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF7960A Datasheet HTML 2Page - Texas Instruments TRF7960A Datasheet HTML 3Page - Texas Instruments TRF7960A Datasheet HTML 4Page - Texas Instruments TRF7960A Datasheet HTML 5Page - Texas Instruments TRF7960A Datasheet HTML 6Page - Texas Instruments TRF7960A Datasheet HTML 7Page - Texas Instruments TRF7960A Datasheet HTML 8Page - Texas Instruments TRF7960A Datasheet HTML 9Page - Texas Instruments TRF7960A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
TRF7960A
SLOS732
– JUNE 2011
www.ti.com
Table 2-1. Terminal Functions (continued)
Terminal
Type(1)
Description
Name
No.
I/O_1
18
BID
I/O pin for parallel communication
I/O_2
19
BID
I/O pin for parallel communication
I/O_3
20
BID
I/O pin for parallel communication
I/O pin for parallel communication
I/O_4
21
BID
Slave select signal in SPI mode
I/O pin for parallel communication
I/O_5
22
BID
Data clock output in Direct Mode 1
I/O pin for parallel communication
I/O_6
23
BID
MISO for serial communication (SPI)
Serial bit data output in Direct Mode 1 or subcarrier signal in Direct Mode 0
I/O pin for parallel communication.
I/O_7
24
BID
MOSI for serial communication (SPI)
Selection of power down mode. If EN2 is connected to VIN, then VDD_X is active during power
EN2
25
INP
down mode 2 (for example, to supply the MCU).
DATA_CLK
26
INP
Data clock input for MCU communication (parallel and serial)
If EN = 1 (EN2 = don't care) the system clock for the MCU is configured with register 0x09 (off, 3.39
SYS_CLK
27
OUT
MHz, 6.78 MHz, or 13.56 MHz).
If EN = 0 and EN2 = 1, the system clock is set to 60 kHz
EN
28
INP
Chip enable input (If EN = 0, then the chip is in sleep or power-down mode)
VSS_D
29
SUP
Negative supply for internal digital circuits
OSC_OUT
30
OUT
Crystal or oscillator output
OSC_IN
31
INP
Crystal or oscillator input
Internally regulated supply (2.7 V to 3.4 V) for digital circuit and external devices (for example, an
VDD_X
32
OUT
MCU)
PAD
PAD
SUP
Chip substrate ground
6
Physical Characteristics
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TRF7960A


Similar Part No. - TRF7960A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960A TI1-TRF7960A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results

Similar Description - TRF7960A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com