Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF7960A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7960A
Description  MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7960A Datasheet(HTML) 1 Page - Texas Instruments

  TRF7960A Datasheet HTML 1Page - Texas Instruments TRF7960A Datasheet HTML 2Page - Texas Instruments TRF7960A Datasheet HTML 3Page - Texas Instruments TRF7960A Datasheet HTML 4Page - Texas Instruments TRF7960A Datasheet HTML 5Page - Texas Instruments TRF7960A Datasheet HTML 6Page - Texas Instruments TRF7960A Datasheet HTML 7Page - Texas Instruments TRF7960A Datasheet HTML 8Page - Texas Instruments TRF7960A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TRF7960A
www.ti.com
SLOS732
– JUNE 2011
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
Check for Samples: TRF7960A
1
Introduction
1.1
Features
123
• Completely Integrated Protocol Handling for
• Dual Receiver Architecture With RSSI for
ISO15693, ISO18000-3, ISO14443A/B, NFC
Elimination of "Read Holes" and Adjacent
Forum Device Types 1 to 4, and FeliCa
Reader System/Ambient In-Band Noise
Detection
• Input Voltage Range: 2.7 VDC to 5.5 VDC
• Programmable Power Modes for Ultra-Low
• Programmable Output Power:
Power System Design (Power Down
<0.5 µA)
+20 dBm (100 mW) or +23 dBm (200 mW)
• Parallel or SPI Interface
• Programmable I/O Voltage Levels:
1.8 VDC to 5.5 VDC
• Integrated Voltage Regulator for
Microcontroller Supply
• Programmable System Clock Frequency
Output (RF, RF/2, RF/4)
• Temperature Range: -40°C to +110°C
• Programmable Modulation Depth
• 32-Pin QFN Package (5 mm x 5 mm) (RHB)
1.2
Applications
Secure Access Control
Product Authentication
Contactless Payment Systems
Passport Reader Systems
Medical Systems
Remote Sensor Applications
1.3
Description
The TRF7960A is an integrated analog front end and data-framing device for a 13.56-MHz RFID
reader/writer system. Built-in programming options make it suitable for a wide range of applications for
proximity and vicinity identification systems.
The reader is configured by selecting the desired protocol in the control registers. Direct access to all
control registers allows fine tuning of various reader parameters as needed.
Comprehensive documentation, reference designs, evaluation modules, and TI microcontrollers (based on
MSP430
™ or ARM™ technology) source code are available.
The TRF7960A is a high-performance 13.56-MHz HF RFID reader IC comprising an integrated analog
front end (AFE) and a built-in data framing engine for ISO15693, ISO14443A/B, and FeliCa. It supports
data rates up to 848 kbps for ISO14443 with all framing and synchronization tasks on board (in ISO Mode,
default). The TRF7960A also supports NFC Forum Tag Types 1, 2, 3, and 4 operations (as reader/writer
only). This architecture enables the customer to build a complete and cost-effective yet high-performance
multiprotocol HF RFID/NFC reader/writer using a low-cost microcontroller (for example, an MSP430).
Other standards and even custom protocols can be implemented by using two of the Direct Modes the
device offers. These Direct Modes (0 and 1) allow the user to fully control the analog front end (AFE) and
also gain access to the raw subcarrier data or the unframed, but already ISO formatted data and the
associated (extracted) clock signal.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
ARM is a trademark of ARM Limited.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF7960A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960A TI1-TRF7960A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results

Similar Description - TRF7960A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com