Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS5360-K Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS5360-K
Description  5 mm (T1 3/4) LED, Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5360-K Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS5360-K Datasheet HTML 1Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 2Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 3Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 4Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 5Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 6Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 7Page - Siemens Semiconductor Group LS5360-K Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LR 5360-DG
LR 5360-F
LR 5360-G
LR 5360-FJ
red
red diffused
0.4 … 3.2
1.0 … 2.0
1.6 … 3.2
1.0 … 8.0
Q62703-Q1376
Q62703-Q1377
Q62703-Q1378
Q62703-Q1379
LS 5360-HL
LS 5360-J
LS 5360-K
LS 5360-L
LS 5360-JM
super-red
red diffused
2.5 … 20.0
4.0 … 8.0
6.3 … 12.5
10.0 … 20.0
4.0 … 32.0
Q62703-Q1380
Q62703-Q1744
Q62703-Q1381
Q62703-Q1382
Q62703-Q3224
LY 5360-HL
LY 5360-J
LY 5360-K
LY 5360-L
LY 5360-JM
yellow
yellow diffused
2.5 … 20.0
4.0 … 8.0
6.3 … 12.5
10.0 … 20.0
4.0 … 32.0
Q62703-Q2000
Q62703-Q1386
Q62703-Q2001
Q62703-Q2404
Q62703-Q1387
LG 5360-GK
LG 5360-H
LG 5360-J
LG 5360-K
LG 5360-HL
green
green diffused
1.6 … 12.5
2.5 … 5.0
4.0 … 8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q1391
Q62703-Q1390
Q62703-Q1866
Q62703-Q2012
Q62703-Q3188
LR 5360, LS 5360, LY 5360
LG 5360


Similar Part No. - LS5360-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5360 SIEMENS-LS5360 Datasheet
75Kb / 1P
   T1 (5mm) LED LAMP
More results

Similar Description - LS5360-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com