Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812A Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 1812A
Description  SINGLE SOUND GENERATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1812A Datasheet(HTML) 7 Page - Unisonic Technologies

  1812A Datasheet HTML 1Page - Unisonic Technologies 1812A Datasheet HTML 2Page - Unisonic Technologies 1812A Datasheet HTML 3Page - Unisonic Technologies 1812A Datasheet HTML 4Page - Unisonic Technologies 1812A Datasheet HTML 5Page - Unisonic Technologies 1812A Datasheet HTML 6Page - Unisonic Technologies 1812A Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1812A/1812B/1813
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-006.F
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 1812A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1812A UTC-1812A Datasheet
91Kb / 8P
   SINGLE SOUND GENERATOR
logo
Belden Inc.
1812A BELDEN-1812A Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-B591000 BELDEN-1812A-B591000 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-B59328 BELDEN-1812A-B59328 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1812A-B59N1000 BELDEN-1812A-B59N1000 Datasheet
186Kb / 2P
   Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
More results

Similar Description - 1812A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
   Single Sound Generator
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
   Single Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A Datasheet
91Kb / 8P
   SINGLE SOUND GENERATOR
1812A UTC-1812A_15 Datasheet
301Kb / 8P
   SINGLE SOUND GENERATOR
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
   SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
   6-Sound Generator
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
   Programmable Sound Generator
logo
Holtek Semiconductor In...
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
   Dual Sound Generator
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
   4-Sound Generator
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
   PROGRAMMABLE SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com