Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY5380-GK Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LY5380-GK
Description  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LY5380-GK Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LY5380-GK Datasheet HTML 1Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 2Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 3Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 4Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 5Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 6Page - Siemens Semiconductor Group LY5380-GK Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 20 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA
LS 5380, LY 5380, LG 5380
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 20 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA


Similar Part No. - LY5380-GK

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY530 SEOUL-LY530 Datasheet
341Kb / 10P
   YELLOW LAMP LED
LY530 SEOUL-LY530 Datasheet
401Kb / 12P
   YELLOW LAMP LED
logo
STMicroelectronics
LY530AL STMICROELECTRONICS-LY530AL Datasheet
582Kb / 30P
   MEMS inertial sensor single-axis analog and digital output yaw rate gyroscope
LY530ALH STMICROELECTRONICS-LY530ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹300 째/s analog yaw-rate gyroscope
LY530ALH STMICROELECTRONICS-LY530ALH Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LY5380-GK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com