Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR5480-F Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LR5480-F
Description  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR5480-F Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LR5480-F Datasheet HTML 1Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 2Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 3Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 4Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 5Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 6Page - Siemens Semiconductor Group LR5480-F Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Diffused
Wide-Angle LED
LR 5480, LS 5480, LY 5480
LG 5480
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LR 5480-CF
LR 5480-E
LR 5480-F
LR 5480-DG
red
red diffused
0.25 …
2.00
0.63 …
1.25
1.00 …
2.00
0.40 …
3.20
Q62703-Q1986
Q62703-Q1734
Q62703-Q1987
Q62703-Q1408
LS 5480-GL
LS 5480-J
LS 5480-K
LS 5480-L
LS 5480-JM
super-red
red diffused
1.60 … 20.00
4.00 …
8.00
6.30 … 12.50
10.00 … 20.00
4.00 … 32.00
Q62703-Q1989
Q62703-Q1414
Q62703-Q1990
Q62703-Q1991
Q62703-Q1992
LY 5480-HL
LY 5480-J
LY 5480-K
LY 5480-L
LY 5480-JM
yellow
yellow diffused
2.50 … 20.00
4.00 …
8.00
6.30 … 12.50
10.00 … 20.00
4.00 … 32.00
Q62703-Q1416
Q62703-Q3236
Q62703-Q1418
Q62703-Q2402
Q62703-Q1419
LG 5480-GK
LG 5480-H
LG 5480-J
LG 5480-K
LG 5480-HL
green
green diffused
1.60 … 12.50
2.50 …
5.00
4.00 …
8.00
6.30 … 12.50
2.50 … 20.00
Q62703-Q1423
Q62703-Q1422
Q62703-Q1869
Q62703-Q2018
Q62703-Q3191
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
solder leads without stand-off
q
available taped on reel
q
load dump resistance acc. to DIN 40839


Similar Part No. - LR5480-F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5480-F SIEMENS-LR5480-F Datasheet
67Kb / 1P
   T1 (5mm) LED LAMP
More results

Similar Description - LR5480-F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com