Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8565L-S08-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 8565L-S08-T
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8565L-S08-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 8565L-S08-T Datasheet HTML 5Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 6Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 7Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 8Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 9Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 10Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 11Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 12Page - Unisonic Technologies 8565L-S08-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R114-004.b
FUNCTIONAL DESCRIPTION(Cont.)
4.4 Open Loop Protection / Input Under Voltage Protect (OLP)
Whenever VSENSE voltage falls below 0.8V, or equivalently VOUT falls below 16% of its rated value, it indicates an
open loop condition (i.e. VSENSE pin not connected) or an insufficient input voltage VIN for normal operation. In this
case, most of the blocks within the IC will be shutdown. The function is implemented using comparator C3 with a
threshold of 0.8V as shown in the IC block diagram in Fig. 2.
4.5 Output Under Voltage Detection (OUV)
In the event of main interrupt or brown-out condition, the PFC system is not able to deliver the rated output power.
This will cause the output voltage VOUT to drop below its rated value. The IC provides an output under voltage
detection that checks if VOUT is falling below 50% of its rated value. Comparator C4 as shown in the device block
diagram (Fig. 2) senses the voltage at pin 1 (VSENSE) with a reference of 2.5V. If comparator C4 trips, the IC will be
shut down as in OLP. The IC will be ready to restart if there is sufficient VIN to pull VOUT out of OLP.
4.6 Over-Voltage Protection (OVP)
Whenever VOUT exceeds the rated value by 5%, the over-voltage protection OVP is active as shown in Fig. 7. This
is implemented by sensing the voltage at pin VSENSE with respect to a reference voltage of 5.25V. A VSENSE voltage
higher than 5.25V will immediately reduce the output duty cycle, bypassing the normal voltage loop control. This
results in a lower input power to reduce the output voltage VOUT.
5. Frequency Setting
The switching frequency of the PFC controller is fixed and can be set by an external resistor R5 at FREQ pin. The
pin voltage VFREQ is typically 2.5V. The corresponding capacitor for the oscillator is integrated in the device and the
R5/frequency relationship is given at the “Electrical Characteristic” section. The recommended operating frequency
range is from 50kHz to 250kHz. As an example, a R5 of 33kΩ at pin FREQ will set a switching frequency FSW of
133kHz typically.
6. Average Current Control
6.1 Complete Current Loop
Fig. 10 show the complete system current loop. It consists of the current loop block which averages the voltage at
pin ISENSE, resulted from the inductor current flowing across R1. The averaged waveform is compared with an
internal ramp in the ramp generator and PWM block. Once the ramp crosses the average waveform, the comparator
C1 turns on the driver stage through the PWM logic block. The Nonlinear Gain block defines the amplitude of the
inductor current. The following sections describe the functionality of each individual blocks.
L1
D1
C2
R4
R3
VOUT
GATE
Gate
Driver
R
S
Q
PWM Logic
Input From
Voltage Loop
Nonlinear
Gain
Fault
4V
S2
1.1mS +/-50μA
(linear range)
Current Loop
Compensation
Current Loop
OTA2
+
-
UTC 8565
R7
R1
R2
From
Full-wave
Retifier
ISENSE
ICOMP
C3
C1
+
-
PWM
Comparator
Inductor current
voltage
proportional to
averaged
Fig. 10 Complete System Current Loop


Similar Part No. - 8565L-S08-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8565 ETC2-8565 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
TriQuint Semiconductor
856503 TRIQUINT-856503 Datasheet
578Kb / 5P
   836.5 MHz SAW Filter
856503 TRIQUINT-856503_15 Datasheet
578Kb / 5P
   836.5 MHz SAW Filter
856504 TRIQUINT-856504_15 Datasheet
574Kb / 5P
   881.5 MHz SAW Filter
856512 TRIQUINT-856512 Datasheet
367Kb / 6P
   168.5 MHz SAW Filter
Rev D
More results

Similar Description - 8565L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8565 UTC-L8565_15 Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
Unisonic Technologies
L8565 UTC-L8565 Datasheet
380Kb / 13P
   HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com