Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15600G-S08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 15600G-S08-T
Description  MELODY IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15600G-S08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  15600G-S08-T Datasheet HTML 1Page - Unisonic Technologies 15600G-S08-T Datasheet HTML 2Page - Unisonic Technologies 15600G-S08-T Datasheet HTML 3Page - Unisonic Technologies 15600G-S08-T Datasheet HTML 4Page - Unisonic Technologies 15600G-S08-T Datasheet HTML 5Page - Unisonic Technologies 15600G-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
15600
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-085.B
DC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL PIN
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Working mode average
current consumption(1)
IDDO
7
MT=VDD, SEL=TEST=0V
When RC oscillation is
selected:
FCK=32.768kHz
or 47.520kHz
OUT=No load
Working mode
VDD=1.5V
20
50~80
μA
VDD=3.0V
30~5
(Note2)
70~100
(Note2)
μA
VDD=5.0V
80~100
(Note2)
150~200
(Note2)
μA
MT=VDD, SEL=TEST=0V
When external clock
signal input OSC2=No
load OSC1=32.768kHz or
47.520kHz, OUT=No load
Working mode
VDD=1.5V
20
(Note2)
50~80
(Note 2)
μA
VDD=3.0V
30~50
(Note2)
70~100
(Note2)
μA
VDD=5.0V
80~100
(Note2)
150~200
(Note2)
μA
Working mode average
current consumption(2)
IDDD
7
MT= VDD, SEL=TEST=0V
When RC oscillation is
selected:
FCK=32.768kHz or
47.520kHz OUT=No load
Working mode After
one-shot performance
stops.
VDD=1.5V
20
60
μA
VDD=3.0V
30
90
μA
VDD=5.0V
60
180
μA
MT= VDD
SEL=TEST=0V
When external clock
signal input OSC2=No
load OSC1=32.768kHz or
47.520kHz
OUT=No load
Working mode
After one-shot
performance stops.
VDD=1.5V
10
40
μA
VDD=3.0V
20
70
μA
VDD=5.0V
45
160
μA
Note: 1. Under the RC oscillation mode. When the supply voltage drops below the voltage being generated the
internal constant voltage circuit, the RC oscillation frequency goes down below the prescribed level to
reduce the tempo and to bring down the pitch corresponding to the downward deviation of the oscillation
frequency. Other circuits function normally under the prescribed specifications.
2. This value is a reference value. Because current consumption varies depending on the programmed pitch,
tempo, used notes and address location with each ROM.
DC CHARACTERISTICS (5.5V≥VDD≥VDD-VREG, TA=25℃ )
PARAMETER
SYMBOL
CONDITION
SPEC
UNIT
MIN
TYP
MAX
When the External Clock Mode is Selected
by Mask Option: Enter Square Waves to
the OSC1 Pin as the Reference Signal
Source.
fEXC
External signal clock
input
-15
27.853
40.392
32.768
47.520
+15
37.683
54.648
%
KHZ
KHZ
RC Oscillation Frequency Times
fOSC
The integrated RC
oscillation
-15
27.853
40.392
32.768
47.520
+15
37.683
54.648
%
KHZ
KHZ


Similar Part No. - 15600G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15600G-S08-R UTC-15600G-S08-R Datasheet
171Kb / 6P
   MELODY IC
More results

Similar Description - 15600G-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Epson Company
SVM7970C EPSON-SVM7970C Datasheet
389Kb / 7P
   MULTI-MELODY IC
SVM7561 EPSON-SVM7561 Datasheet
46Kb / 7P
   CMOS MELODY IC
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
   High Tone Quality Melody IC
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
   Melody IC with Built-in SRAM
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
N567HP330 ETC2-N567HP330 Datasheet
663Kb / 13P
   8-ch Melody IC with 8Mbit embedded OTP
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com