Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3656G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3656G-AF5-R
Description  1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3656G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3656G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UC3656
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-469.b
TYPICAL APPLICATION CIRCUIT


Similar Part No. - UC3656G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
178Kb / 7P
   1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
372Kb / 7P
   1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
More results

Similar Description - UC3656G-AF5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
   1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
   1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
AT1367A AIMTRON-AT1367A Datasheet
658Kb / 14P
   1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
   High Efficiency 800mA Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
Renesas Technology Corp
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com