Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3846L-D08-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3846L-D08-T
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3846L-D08-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC3846L-D08-T Datasheet HTML 2Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 3Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 4Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 5Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 6Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 7Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 8Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 9Page - Unisonic Technologies UC3846L-D08-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3846
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R103-053.B
REFRENCE CIRCUIT
SENSE
VDD
GATE
GND
FB
RI
U1
8
7
5
1
2
4
R7
R9
R8
R6
Q1
1
3
22
C6
3
C1
+
C2
R2
R1
C3
R5
R3
R4
D1
10
9
8
5
7
T1
D4
R10 C7
C8
+
1, 2
3, 4
21
1
2
1
2
D5
+
C9
L2
VO
GND
R13
R14
C10
R12
U3
3
1
2
R11
2
1
3
4
U2
D2
2
1
C4
+
BD1
2
1
4
12
L1
CX1
F1
L
N
CY1
6
3
NC
NC
Reference
Component
Reference
Component
BD1
BD 1A/500V
L2
10μH 6mm
CX1 (Optional)
YC 472P/400V (Y1)
Q1
1N60
CY1 (Optional)
YC 102P/400V (Y1)
R1,R2
R 750KΩ 1206
C2
EC 10μF/400V 105℃
R4,R3
R 47KΩ 1206
C1
CC 103P/500V
R5
R 47Ω 1206
C3
CC 1000P/500V
R6
R 4.7Ω 1206
C4
EC 10u/50V
R7
R 100Ω 0805
C6
CC 472P 0805
R8
R 10Ω 1206
C7 (Optional)
CC 102P/100V 1206
R10 (Optional)
R 10Ω 1206
C8
EC 470u/10V 105℃
R9
R 100KΩ 0805
C9
EC 220u/10V 105℃
R11
R 100Ω 1/8W
C10
CC 222P 0805
R12
R 33KΩ 0805
D1
Diode FRI07
R13
R 33KΩ 1/8W
D2
Diode FR102
R14
R 4.7KΩ 0805
D4
Diode SB360
T1
EE-16
D5 (Optional)
ZD 6.8V 0.5W
U1
IC UC3846
F1
R1Ω/0.5W
U2
PC817
L1
20mH 6*8mm
U3
TL431


Similar Part No. - UC3846L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3846L-D16-T UTC-UC3846L-D16-T Datasheet
353Kb / 9P
   CURRENT MODE PWM CONTROLLER
UC3846L-D16-T UTC-UC3846L-D16-T Datasheet
331Kb / 9P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3846L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837 UTC-UC3837 Datasheet
366Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com