Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63Z818TQ100 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM63Z818TQ100
Description  128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z818TQ100 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM63Z818TQ100 Datasheet HTML 1Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 2Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 3Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 4Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 5Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 6Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 7Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 8Page - Motorola, Inc MCM63Z818TQ100 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MCM63Z736
DMCM63Z818
1
MOTOROLA FAST SRAM
Advance Information
128K x 36 and 256K x 18 Bit
Pipelined ZBT
™ RAM
Synchronous Fast Static RAM
The ZBT RAM is a 4M–bit synchronous fast static RAM designed to provide
zero bus turnaround. The ZBT RAM allows 100% use of bus cycles during
back–to–back read/write and write/read cycles. The MCM63Z736 is organized
as 128K words of 36 bits each and the MCM63Z818 is organized as 256K words
of 18 bits each, fabricated with high performance silicon gate CMOS
technology. This device integrates input registers, an output register, a 2–bit
address counter, and high speed SRAM onto a single monolithic circuit for
reduced parts count in communication applications. Synchronous design
allows precise cycle control with the use of an external clock (CK). CMOS
circuitry reduces the overall power consumption of the integrated functions for
greater reliability.
Addresses (SA), data inputs (DQ), and all control signals except output enable
(G) and linear burst order (LBO) are clock (CK) controlled through positive–
edge–triggered noninverting registers.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (CK) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
For read cycles, pipelined SRAM output data is temporarily stored by an edge–
triggered output register and then released to the output buffers at the next rising
edge of clock (CK).
• 3.3 V LVTTL and LVCMOS Compatible
• MCM63Z736/MCM63Z818–133 = 4.2 ns Access/7.5 ns Cycle (133 MHz)
MCM63Z736/MCM63Z818–100 = 5 ns Access/10 ns Cycle (100 MHz)
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Two–Cycle Deselect
• Byte Write Control
• ADV Controlled Burst
• 100–Pin TQFP Package
ZBT and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc., and the architecture is supported by
Micron Technology, Inc. and Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM63Z736/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM63Z736
MCM63Z818
TQ PACKAGE
TQFP
CASE 983A–01
REV 1
2/6/98
© Motorola, Inc. 1998


Similar Part No. - MCM63Z818TQ100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z819TQ11 MOTOROLA-MCM63Z819TQ11 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z819TQ11R MOTOROLA-MCM63Z819TQ11R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z819TQ15 MOTOROLA-MCM63Z819TQ15 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63Z819TQ15R MOTOROLA-MCM63Z819TQ15R Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results

Similar Description - MCM63Z818TQ100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com