Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF450 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF450
Description  14A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF450 Datasheet(HTML) 3 Page - Unisonic Technologies

  UF450_11 Datasheet HTML 1Page - Unisonic Technologies UF450_11 Datasheet HTML 2Page - Unisonic Technologies UF450_11 Datasheet HTML 3Page - Unisonic Technologies UF450_11 Datasheet HTML 4Page - Unisonic Technologies UF450_11 Datasheet HTML 5Page - Unisonic Technologies UF450_11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-185.G
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=250µA
500
V
Drain-Source Leakage Current
IDSS
VDS=500V,VGS=0 V
25
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V
100
nA
Reverse
VGS=-20V
-100
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ Reference to 25°C, ID=1.0mA
0.63
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=8.4A
0.31
0.4
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
2600
pF
Output Capacitance
COSS
720
pF
Reverse Transfer Capacitance
CRSS
340
pF
SWITCHING PARAMETERS
(Note 1)
Total Gate Charge
QG
VDS=400V, VGS =10V,
ID=14A (Note 1,2)
150
nC
Gate Source Charge
QGS
20
nC
Gate Drain Charge
QGD
80
nC
Turn-ON Delay Time
tD(ON)
VDD=250V, ID=14A,
RG=6.2Ω , RD=17Ω(Note 1,2)
17
ns
Turn-ON Rise Time
tR
47
ns
Turn-OFF Delay Time
tD(OFF)
92
ns
Turn-OFF Fall-Time
tF
44
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=14A, VGS=0V
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
14
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
56
A
Reverse Recovery Time
trr
IF=14A, dI/dt≤100A/μs,
VDD≤50V (Note 1)
540
810
ns
Reverse Recovery Charge
QRR
4.8
7.2
µc
Note: 1.Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2.Essentially independent of operating temperature


Similar Part No. - UF450_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF450 UTC-UF450_15 Datasheet
256Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF450_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com