Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF520 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF520
Description  9.2A, 100V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF520 Datasheet(HTML) 3 Page - Unisonic Technologies

  UF520 Datasheet HTML 1Page - Unisonic Technologies UF520 Datasheet HTML 2Page - Unisonic Technologies UF520 Datasheet HTML 3Page - Unisonic Technologies UF520 Datasheet HTML 4Page - Unisonic Technologies UF520 Datasheet HTML 5Page - Unisonic Technologies UF520 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF520
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-659.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=95V, VGS=0V
250
µA
Gate- Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=5.6A (Note 1)
0.25 0.27
On State Drain Current (Note 1)
ID(ON)
VGS=10V, VDS>ID(ON)×RDS(ON)MAX
9.2
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
350
pF
Output Capacitance
COSS
130
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
25
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
10
30
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
VGS=10V, ID=9.2A, VDS=0.8*Rated
BVDSS, IG(REF)=1.5mA (Note 2)
2.5
nC
Turn-ON Delay Time
tD(ON)
9
13
ns
Rise Time
tR
30
63
ns
Turn-OFF Delay Time
tD(OFF)
18
70
ns
Fall-Time
tF
VDD=50V, ID≈9.2A, RG=18Ω,
RL=5.5 Ω (Note 3)
20
59
ns
Notes: 1. Pulse test: pulse width≤300µs, duty cycle≤2%
2. Gate Charge is Essentially Independent of Operating Temperature
3. MOSFET Switching Times are Essentially Independent of Operating Temperature
SOURCE TO DRAIN DIODE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Source to Drain Diode Voltage
VSD
TJ=25°C,ISD=9.2A,VGS=0V (Note 1)
2.5
V
Continuous Source to Drain Current
ISD
9.2
A
Pulse Source to Drain Current (Note 2)
ISDM
Note 3
37
A
Note : 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance
curve
3. Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode.


Similar Part No. - UF520

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UF520 MICROSEMI-UF520 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520L-TA3-T UTC-UF520L-TA3-T Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520 UTC-UF520_15 Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - UF520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
   100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
logo
Shenzhen Foster Semicon...
FIR170N10PG FOSTER-FIR170N10PG Datasheet
3Mb / 4P
   100V N-Channel Power Mosfet
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
   8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com