Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF460G-T47-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF460G-T47-T
Description  21A, 500V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF460G-T47-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UF460G-T47-T Datasheet HTML 1Page - Unisonic Technologies UF460G-T47-T Datasheet HTML 2Page - Unisonic Technologies UF460G-T47-T Datasheet HTML 3Page - Unisonic Technologies UF460G-T47-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF460
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-186.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
Continuous (VGS=0V)
ID
21
A
Pulsed Drain Current
Pulsed (Note 2)
IDM
84
A
Avalanche Current (Note2)
IAR
21
A
Repetitive(Note2)
EAR
30
Avalanche Energy
Single Pulsed(Note3)
EAS
1200
mJ
Power Dissipation (TC=25°С)
PD
190
W
Peak Diode Recovery dv/dt (Note4)
dv/dt
3.5
V/ns
Junction Temperature
TJ
+150
°С
Strong Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
3. VDD=50V, Starting TJ=25°С, Peak IL=21A
4. ISD≤21A, di/dt≤160A/µs, VDD≤500V, TJ≤150°С, Suggested=2.35Ω
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
30
°С/W
Junction to Case
θjC
0.42
°С/W
ELECTRICAL CHARACTERISTICS (TJ =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250µA
500
V
Drain-Source Leakage Current
IDSS
VDS=400V,VGS =0 V
25
µA
Gate-Source Leakage Current
IGSS
VDS =0 V, VGS = ±20V
±100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ Reference to 25°С, ID=1.0mA
0.78
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =250 µA
2.0
4.0
V
VGS =10V, ID =14A
210
270
Static Drain-Source On Resistance (Note)
RDS(ON)
VGS =10V, ID =21A
310
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
4300
Output Capacitance
COSS
1000
Reverse Transfer Capacitance
CRSS
VDS =25V, VGS =0V, f=1.0MHz
250
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
84
190
Gate Source Charge
QGS
12
27
Gate Drain Charge
QGD
VDS =250V, VGS =10V,
ID =21A
60
135
nC
Turn-ON Delay Time
tD(ON)
35
Turn-ON Rise Time
tR
120
Turn-OFF Delay Time
tD(OFF)
130
Turn-OFF Fall-Time
tF
VDD=250V, ID =21A,
RG =2.35Ω
98
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=21A,VGS=0V, TJ =25°С
1.8
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
21
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
84
A
Reverse Recovery Time
tRR
580
ns
Reverse Recovery Charge
QRR
IF=21 A, dI/dt=100A/µs,
TJ =25°С,VDD≤50V(Note)
8.1
µC
Note: Pulse Test: Pulse width ≤300μs, Duty cycle ≤2%


Similar Part No. - UF460G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF460G-T47-T UTC-UF460G-T47-T Datasheet
220Kb / 4P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF460G-T47-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R5021ANJ ROHM-R5021ANJ Datasheet
1Mb / 14P
   Nch 500V 21A Power MOSFET
2012.10 - Rev.B
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com