Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-12257 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-12257
Description  Power Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12257 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-12257 Datasheet HTML 1Page - Rhombus Industries Inc. L-12257 Datasheet HTML 2Page - Rhombus Industries Inc. L-12257 Datasheet HTML 3Page - Rhombus Industries Inc. L-12257 Datasheet HTML 4Page - Rhombus Industries Inc. L-12257 Datasheet HTML 5Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Power Line
Chokes
Drum Core
Style
www.rhombus-ind.com
Pkg.
( Dimensions in inches )
Code
A
B
C
D
1
0.560
0.810
0.187
0.126
2
0.709
0.795
0.187
0.126
3
0.709
0.866
0.187
0.126
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
A
B
C
D
.750"
TYP.
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH ) ( mΩ ) ( A ) AWG Code
L-12200
2.0
5
16.4
14
1
L-12202
4.0
10
10.3
16
1
L-12203
8.0
12
8.2
17
1
L-12204
18
13
8.2
17
1
L-12205
22
16
6.5
18
1
L-12206
30
21
5.2
19
1
L-12207
40
32
4.0
20
1
L-12401
15
8
13.0
15
2
L-12402
20
11
10.3
16
2
L-12403
30
17
8.2
17
2
L-12406
38
25
6.5
18
2
L-12407
50
28
6.0
18
2
L-12408
70
38
5.2
19
2
L-12411
100
59
4.1
20
2
L-12220
5.0
8
16.0
15
3
L-12221
20
13
12.9
16
3
L-12222
30
19
8.5
17
3
L-12223
50
25
6.8
18
3
L-12224
80
42
5.4
19
3
L-12225
120
53
5.0
19
3
L-12226
180
72
4.3
20
3
L-12227
200
105
4.1
20
3
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression


Similar Part No. - L-12257

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-12257 RHOMBUS-IND-L-12257 Datasheet
20Kb / 1P
   Power Line Chokes
More results

Similar Description - L-12257

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com