Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF634L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF634L-TA3-T
Description  ADVANCED POWER MOSFETADVANCED POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF634L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UF634L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF634L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF634L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF634L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF634L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF634L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF634
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-454.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-to-Source Voltage
VGS
± 30
V
Drain-to-Source Voltage
VDSS
250
V
TC=25°C
8.1
Continuous Drain Current
TC=100°C
ID
5.1
A
Drain Current-Pulsed (Note 2)
IDM
32
A
Avalanche Current (Note 2)
IAR
8.1
A
Single Pulsed Avalanche Energy (Note 3)
EAS
205
mJ
Repetitive Avalanche Energy (Note 2)
EAR
7.4
mJ
TO-220
74
W
Power Dissipation
TO-220F1
PD
38
W
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
3. L=5mH, IAS=8.1A, VDD=50V, RG=27 Ω, Starting TJ =25°C
Note:
4. ISD ≤8.1A, di/dt ≤210A/µs, VDD≤BVDSS, Starting TJ =25°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/ TO-220F1
θJA
62.5
°C/W
TO-220
1.69
°C/W
Junction to Case
TO-220F1
θJC
3.29
°C/W


Similar Part No. - UF634L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF634L-TA3-T UTC-UF634L-TA3-T Datasheet
414Kb / 9P
   ADVANCED POWER MOSFET
More results

Similar Description - UF634L-TA3-T

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com