Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF450 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF450
Description  14A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF450 Datasheet(HTML) 2 Page - Unisonic Technologies

  UF450 Datasheet HTML 1Page - Unisonic Technologies UF450 Datasheet HTML 2Page - Unisonic Technologies UF450 Datasheet HTML 3Page - Unisonic Technologies UF450 Datasheet HTML 4Page - Unisonic Technologies UF450 Datasheet HTML 5Page - Unisonic Technologies UF450 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-185.G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
14
A
Pulsed Drain Current (Note 2)
IDM
56
A
Avalanche Current (Note 2)
IAR
14
A
Single Pulse Avalanche Energy (Note 3)
EAS
760
mJ
Power Dissipation (TC=25°C)
TO-247
PD
190
W
TO-220F1
36
TO-220F2
38
TO-3P
215
Peak Diode Recovery dv/dt (Note 4)
dv/dt
3.5
V/ns
Junction Temperature
TJ
+150
°C
Strong Temperature
TSTG
-55 ~ +150
°C
Note: 1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
VDD=50V, starting TJ=25°C, L=7.0mH, IAS=14A, RG=25Ω
ISD≤14A, di/dt≤130A/μs, VDD≤BVDSS , TJ≤150°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-247
θJA
40
°C/W
TO-220F1/ TO-220F2
62.5
TO-3P
40
Junction to Case
TO-247
θJC
0.65
°C/W
TO-220F1
3.47
TO-220F2
3.29
TO-3P
0.58


Similar Part No. - UF450

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF450 UTC-UF450 Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
UF450 ISC-UF450 Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
UF450-T47-T UTC-UF450-T47-T Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
UF450G-T3P-T UTC-UF450G-T3P-T Datasheet
256Kb / 6P
   N-CHANNEL POWER MOSFET
UF450G-T47-T UTC-UF450G-T47-T Datasheet
256Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF450

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com