Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF640G-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF640G-TA3-T
Description  18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640G-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UF640G-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF640G-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF640G-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF640G-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF640G-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UF640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-066.E
TYPICAL CHARACTERISTICS
0
1.0
2.0
5.0
0
6
12
18
24
30
Saturation Characteristics
Drain to Source Voltage, VDS (V)
3.0
4.0
Pulse Duration = 80µs
Duty Cycle = 0.5% MAX
VGS=6V
015
30
75
0
0.3
0.6
0.8
1.2
1.5
Drain to Source On Resistance vs. Gate
Voltage And Drain Current
Drain Current, ID (A)
45
60
VGS=10V
Pulse Duration = 80µs
Duty Cycle = 0.5% Max
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF640G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640G-TA3-T UTC-UF640G-TA3-T Datasheet
274Kb / 6P
   N-CHANNEL POWER MOSFET
UF640G-TA3-T UTC-UF640G-TA3-T Datasheet
220Kb / 5P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF640G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640 UTC-UF640 Datasheet
140Kb / 5P
   18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF240M SSDI-SFF240M Datasheet
234Kb / 2P
   18 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
SFF240 SSDI-SFF240 Datasheet
219Kb / 2P
   15 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
logo
Unisonic Technologies
UTT200N02 UTC-UTT200N02 Datasheet
197Kb / 6P
   200 A, 20 V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF18N50 MGCHIP-MDF18N50 Datasheet
832Kb / 6P
   N-Channel MOSFET 500V, 18 A, 0.27(ohm)
logo
STMicroelectronics
STN1NF20 STMICROELECTRONICS-STN1NF20 Datasheet
654Kb / 12P
   N-channel 200 V, 1.1 ohm, 1 A SOT-223
logo
ON Semiconductor
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
   N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
logo
STMicroelectronics
STD25NF20 STMICROELECTRONICS-STD25NF20 Datasheet
848Kb / 16P
   Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET??Power MOSFET in a DPAK package
May 2015 Rev 3
STW24NK55Z STMICROELECTRONICS-STW24NK55Z Datasheet
249Kb / 12P
   N-channel 550 V - 0.18 廓 - 23 A - TO-247 Zener-protected SuperMESH??Power MOSFET
logo
ACE Technology Co., LTD...
ACE1020M ACE-ACE1020M Datasheet
526Kb / 7P
   N-Channel 200-V MOSFET
VER 1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com