Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF840G-TF2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF840G-TF2-T
Description  8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF840G-TF2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UF840G-TF2-T Datasheet HTML 1Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 2Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 3Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 4Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 5Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 6Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 7Page - Unisonic Technologies UF840G-TF2-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UF840
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-047,F
TEST CIRCUITS AND WAVEFORMS
Unclamped Energy Test Circuit
Unclamped Energy Waveforms
Switching Time Test Circuit


Similar Part No. - UF840G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840G-TF2-T UTC-UF840G-TF2-T Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840G-TF2-T UTC-UF840G-TF2-T Datasheet
455Kb / 9P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF840G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
   N-Channel MOSFET 500V, 9A, 0.85廓
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com