Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF830L-TM3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF830L-TM3-T
Description  4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830L-TM3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF830L-TM3-T Datasheet HTML 1Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 2Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 3Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 4Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 5Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 6Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 7Page - Unisonic Technologies UF830L-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UF830
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-046,G
ELECTRICAL SPECIFICATIONS(Cont.) (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Total Gate Charge
QG
VGS=10V, ID=4.5A
VDS=0.8×Rated BVDSS
IG(REF)=1.5mA (Note 3)
22
32
nC
Gate-Source Charge
QGS
3.5
nC
Gate-Drain Charge
QGD
11
nC
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
600
pF
Output Capacitance
COSS
100
pF
Reverse Transfer Capacitance
CRSS
20
pF
Note: 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.
INTERNAL PACKAGE INDUCTANCE
PARAMETER
SYMBOL
MIN
TYP MAX UNIT
Internal Drain Inductance
Measured from the contact screw on tab to center of die
LD
3.5
nH
Measured from the drain lead(6mm from package) to center of die
4.5
nH
Internal Source Inductance
Measured from the source lead(6mm from header) to source bond pad
LS
7.5
nH
Remark:
Modified MOSFET symbol showing the internal devices inductances as below.
SOURCE TO DRAIN DIODE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Source to Drain Diode Voltage
VSD
TJ=25°C,ISD=4.5A, VGS=0V(Note 1)
1.6
V
Continuous Source to Drain Current
ISD
Note 2
5.5
A
Pulse Source to Drain Current
ISDM
18
A
Reverse Recovery Time
trr
TJ=25°C, ISD=4.5A, dI/dt=100A/μs
180
350
760
ns
Reverse Recovery Charge
QRR
TJ=25°C, ISD=4.5A, dI/dt=100A/μs
0.96
2.2
4.3
μC
NOTE : 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. Modified MOSFET symbol showing the integral reverse P-N junction diode as below.
G
S
D


Similar Part No. - UF830L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830L-TM3-T UTC-UF830L-TM3-T Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - UF830L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Fairchild Semiconductor
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
FTK830P FS-FTK830P Datasheet
262Kb / 8P
   5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
IRF830 FS-IRF830 Datasheet
384Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF830 FCI-IRF830 Datasheet
259Kb / 5P
   4.5A 500V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com