Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF8010G-TQ2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF8010G-TQ2-T
Description  80A, 100V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF8010G-TQ2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UF8010G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies UF8010G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies UF8010G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies UF8010G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies UF8010G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies UF8010G-TQ2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UF8010
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-348.c
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - UF8010G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010G-TQ2-T UTC-UF8010G-TQ2-T Datasheet
257Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF8010G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N10 UTC-UTT80N10 Datasheet
130Kb / 3P
   80A, 100V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 80A, 9m?
logo
Rohm
RJ1P04BBH ROHM-RJ1P04BBH Datasheet
3Mb / 13P
   Nch 100V 80A Power MOSFET
20230518 - Rev.003
RD3P08BBD ROHM-RD3P08BBD Datasheet
2Mb / 15P
   Nch 100V 80A Power MOSFET
RD3P07BBH ROHM-RD3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Rohm
RX3P07BBH ROHM-RX3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com