Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF8010 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UF8010
Description  80A, 100V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF8010 Datasheet(HTML) 6 Page - Unisonic Technologies

  UF8010 Datasheet HTML 1Page - Unisonic Technologies UF8010 Datasheet HTML 2Page - Unisonic Technologies UF8010 Datasheet HTML 3Page - Unisonic Technologies UF8010 Datasheet HTML 4Page - Unisonic Technologies UF8010 Datasheet HTML 5Page - Unisonic Technologies UF8010 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UF8010
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-348.c
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF8010

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
   80 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Yea Shin Technology Co....
UF8010 YEASHIN-UF8010 Datasheet
70Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
PACELEADER INDUSTRIAL
UF8010 PACELEADER-UF8010 Datasheet
284Kb / 2P
   SUPERFAST mount reverse voltage
logo
Yea Shin Technology Co....
UF8010F YEASHIN-UF8010F Datasheet
39Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
PACELEADER INDUSTRIAL
UF8010F PACELEADER-UF8010F Datasheet
327Kb / 2P
   SURFACE MOUNT REVERSE voltage
More results

Similar Description - UF8010

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N10 UTC-UTT80N10 Datasheet
130Kb / 3P
   80A, 100V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 80A, 9m?
logo
Rohm
RJ1P04BBH ROHM-RJ1P04BBH Datasheet
3Mb / 13P
   Nch 100V 80A Power MOSFET
20230518 - Rev.003
RD3P08BBD ROHM-RD3P08BBD Datasheet
2Mb / 15P
   Nch 100V 80A Power MOSFET
RD3P07BBH ROHM-RD3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Rohm
RX3P07BBH ROHM-RX3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com