Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-12636 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part # L-12636
Description  Power Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12636 Datasheet(HTML) 2 Page - Rhombus Industries Inc.

  L-12636 Datasheet HTML 1Page - Rhombus Industries Inc. L-12636 Datasheet HTML 2Page - Rhombus Industries Inc. L-12636 Datasheet HTML 3Page - Rhombus Industries Inc. L-12636 Datasheet HTML 4Page - Rhombus Industries Inc. L-12636 Datasheet HTML 5Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH )
( m
Ω )
( A )
AWG Code
L-12420
5.0
4
16.4
14
4
L-12421
10
5
13.0
15
4
L-12423
15
9
10.3
16
4
L-12425
25
16
8.2
17
4
L-12428
50
33
5.2
19
4
L-12430
70
48
4.1
20
4
L-12431
100
58
4.1
20
4
L-12433
150
92
3.2
21
4
L-12440
10
5
21.6
14
5
L-12441
15
8
17.1
15
5
L-12442
25
15
13.2
16
5
L-12443
50
19
12.8
16
5
L-12445
75
29
10.8
17
5
L-12446
100
40
8.5
18
5
L-12447
180
46
8.0
18
5
L-12450
280
75
6.8
19
5
L-12452
450
131
5.4
20
5
C
D
B
A
.7 5 0
T YP.
www.rhombus-ind.com
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
Power Line
Chokes Drum
Core Style
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression
Pkg.
( Dimensions in inches )
Code
A
B
C
D
4
0.866
0.570
0.267
0.147
5
0.866
0.728
0.267
0.147


Similar Part No. - L-12636

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-12637 RHOMBUS-IND-L-12637 Datasheet
20Kb / 1P
   POWER LINE CHOKE
L-12639 RHOMBUS-IND-L-12639 Datasheet
19Kb / 1P
   POWER LINE CHOKE
More results

Similar Description - L-12636

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com