Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003L-D16-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # ULN2003L-D16-T
Description  7CH DARLINGTON SINK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003L-D16-T Datasheet(HTML) 5 Page - Unisonic Technologies

  ULN2003L-D16-T Datasheet HTML 1Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 2Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 3Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 4Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 5Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 6Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 7Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 8Page - Unisonic Technologies ULN2003L-D16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ULN2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R113-001.J
TEST CIRCUIT(Cont.)
OPEN
OPEN
VF
IF
7. VF
Note 1: Pulse width 50µs ,duty cycle 10%
Output impedance 50Ω tR 5ns, tF 10ns
Note 2: See below
Note 3: CL includes probe and jig capacitance
TYPE NUMBER
ULN2003
R1
0
VIH
3V
INPUT CONDITION
8. tON, tOFF
PULSE
GENERATOR
Note 2
INPUT
OPEN
VOUT
RL
CL=15pF
(Note 3)
(Note 1)
OUTPUT
INPUT
OUTPUT
50
TON
TOFF
90
50
10
90
50
10
tR
tF
50µs
VIH
0
VOL
VO
H
50


Similar Part No. - ULN2003L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
492Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2003L-D16-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com