Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN1066 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UN1066
Description  HIGH SPEED SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UN1066 Datasheet(HTML) 1 Page - Unisonic Technologies

  UN1066_08 Datasheet HTML 1Page - Unisonic Technologies UN1066_08 Datasheet HTML 2Page - Unisonic Technologies UN1066_08 Datasheet HTML 3Page - Unisonic Technologies UN1066_08 Datasheet HTML 4Page - Unisonic Technologies UN1066_08 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UN1066
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R209-023,C
HIGH SPEED SWITCHING
TRANSISTOR
FEATURES
* Low VCE(SAT) voltage, up to 3A
* Suitable for fast switching applications
* High current gain
Lead-free:
UN1066L
Halogen-free: UN1066G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
UN1066-AB3-R
UN1066L-AB3-R
UN1066G-AB3-R
SOT-89
B
C
E
Tape Reel
UN1066-TN3-R
UN1066L-TN3-R
UN1066G-TN3-R
TO-252
B
C
E
Tape Reel


Similar Part No. - UN1066_08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UN1066-AB3-R UTC-UN1066-AB3-R Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066-AB3-R UTC-UN1066-AB3-R Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066-TN3-R UTC-UN1066-TN3-R Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066-TN3-R UTC-UN1066-TN3-R Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066-TN3-T UTC-UN1066-TN3-T Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
More results

Similar Description - UN1066_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N222A-V01 ETC-2N222A-V01 Datasheet
318Kb / 3P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066_15 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
2SD796 ETC1-2SD796 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Cystech Electonics Corp...
BTC5103I3 CYSTEKEC-BTC5103I3 Datasheet
219Kb / 5P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066 Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
Cystech Electonics Corp...
BTC5103J3 CYSTEKEC-BTC5103J3 Datasheet
151Kb / 3P
   High Speed Switching Transistor
logo
GTM CORPORATION
GJ1952 GTM-GJ1952 Datasheet
382Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI1952 GTM-GI1952 Datasheet
383Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
   NPN HIGH SPEED SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com