Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP9T15G Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UP9T15G
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP9T15G Datasheet(HTML) 2 Page - Unisonic Technologies

  UP9T15G Datasheet HTML 1Page - Unisonic Technologies UP9T15G Datasheet HTML 2Page - Unisonic Technologies UP9T15G Datasheet HTML 3Page - Unisonic Technologies UP9T15G Datasheet HTML 4Page - Unisonic Technologies UP9T15G Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UP9T15G
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-208.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current , @ VGS= 4.5V
TC=25°C
ID
12.5
A
Pulsed Drain Current
IDM
60
A
Power Dissipation
TC=25°C
PD
12.5
W
Linear Derating Factor
0.1
W/℃
Junction Temperature
TJ
+150
Strong Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
110
/W
Junction-to-Case
θJC
10
/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250 µA
20
V
Drain-Source Leakage Current
IDSS
VDS =20 V, VGS =0 V
1
µA
Gate-Body Leakage Current
IGSS
VGS = ±12 V
±100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ 25 , I
D=1mA
0.02
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =250 µA
0.5
1.5
V
VGS =4.5 V, ID =6 A
50
Static Drain-Source On-Resistance
RDS(ON)
VGS =2.5 V, ID =5.2 A
80
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
360
580
pF
Output Capacitance
COSS
70
pF
Reverse Transfer Capacitance
CRSS
VDS =20 V, VGS =0 V,
f=1.0MHz
50
pF
SWITCHING PARAMETERS
Total Gate Charge(Note2)
QG
5
8
nC
Gate Source Charge
QGS
1
nC
Gate Drain Charge
QGD
VDS =16 V, VGS =4.5 V, ID
=10 A
2
nC
Turn-ON Delay Time(Note2)
tD(ON)
8
ns
Turn-ON Rise Time
tR
55
ns
Turn-OFF Delay Time
tD(OFF)
10
ns
Turn-OFF Fall-Time
tF
VGS=5 V, VDS=10V,RD=1 Ω,
ID =10 A , RG =3.3 Ω
3
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward On Voltage(Note2)
VSD
IS=10 A,VGS=0V
1.3
V
Reverse Recovery Time(Note2)
tRR
17
ns
Reverse Recovery Charge
QRR
IS=10 A, VGS=0 V,dI/dt=100
A/μs
9
nC
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width ≤ 300us , duty cycle ≤ 2%.


Similar Part No. - UP9T15G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9T15GL-TN3-R UTC-UP9T15GL-TN3-R Datasheet
348Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UP9T15GL-TN3-R DOINGTER-UP9T15GL-TN3-R Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UP9T15GP-TN3-R UTC-UP9T15GP-TN3-R Datasheet
348Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
UP9T15G UTC-UP9T15G_15 Datasheet
348Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UP9T15G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com