Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY3341-LP Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LY3341-LP
Description  3 mm T1 LED, Non Diffused Super-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LY3341-LP Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LY3341-LP Datasheet HTML 1Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 2Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 3Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 4Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 5Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 6Page - Siemens Semiconductor Group LY3341-LP Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
LS 3341, LY 3341, LG 3341
LP 3341


Similar Part No. - LY3341-LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LY3340-HL SIEMENS-LY3340-HL Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LY3340-JM SIEMENS-LY3340-JM Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
LY3340-K SIEMENS-LY3340-K Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LY3340-KN SIEMENS-LY3340-KN Datasheet
88Kb / 1P
   T1(3mm) LED LAMP
LY3340-L SIEMENS-LY3340-L Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
More results

Similar Description - LY3341-LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
logo
Infineon Technologies A...
LS5421 INFINEON-LS5421 Datasheet
75Kb / 9P
   5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
2000-03-01
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com