Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGZ181-CO Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LGZ181-CO
Description  Array LED 2 mm LED, Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGZ181-CO Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LGZ181-CO Datasheet HTML 1Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 2Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 3Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 4Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 5Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 6Page - Siemens Semiconductor Group LGZ181-CO Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Breiterer Lötspieß
Zeile mit 4 Dioden (z. B. LR Z184)
Cathode mark:
Broad solder lead
Row with 4 diodes (e. g. LR Z184)
LR Z18 x, LY Z181, LG Z18 x


Similar Part No. - LGZ181-CO

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGZ NICHICON-LGZ Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
LGZ2E151MHSB NICHICON-LGZ2E151MHSB Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGZ2W101MELB30 NICHICON-LGZ2W101MELB30 Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
LGZ2W121MELB35 NICHICON-LGZ2W121MELB35 Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
LGZ2W121MELC25 NICHICON-LGZ2W121MELC25 Datasheet
582Kb / 1P
   Snap-in Terminal Type, 105째C Long Life Assurance
More results

Similar Description - LGZ181-CO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
   Mini LED 1 mm LED, Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
Vishay Siliconix
TLPR5600 VISHAY-TLPR5600_07 Datasheet
148Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.9, 13-Sep-07
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
List of Unclassifed Man...
LEDRS25N ETC1-LEDRS25N Datasheet
41Kb / 2P
   LED Highly-Diffused Light (25 mm)
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600_05 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
   LED Highly-Diffused Lights (75 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com