Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS1602 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UPS1602
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS1602 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UPS1602_12 Datasheet HTML 4Page - Unisonic Technologies UPS1602_12 Datasheet HTML 5Page - Unisonic Technologies UPS1602_12 Datasheet HTML 6Page - Unisonic Technologies UPS1602_12 Datasheet HTML 7Page - Unisonic Technologies UPS1602_12 Datasheet HTML 8Page - Unisonic Technologies UPS1602_12 Datasheet HTML 9Page - Unisonic Technologies UPS1602_12 Datasheet HTML 10Page - Unisonic Technologies UPS1602_12 Datasheet HTML 11Page - Unisonic Technologies UPS1602_12 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UPS1602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R119-016.D
FUNCTIONAL DESCRIPTION(Cont.)
(5) Constant Output Power Limit
When the SENSE voltage, across the sense resistor RS, reaches the threshold voltage, around 1V, the output
GATE drive will be turned off after a small propagation delay tD. This propagation delay will introduce an additional
current proportional to tD×VIN/LP. Since the propagation delay is nearly constant regardless of the input line voltage
VIN. Higher input line voltage will result in a larger additional current and hence the output power limit is also higher
than that under low input line voltage. To guarantee the output power is a constant for universal input AC voltage,
there is a dynamic peak limit circuit to compensate the system delay TD-OC that the system delay brings on.
IPEAK-MAX=0.8V/RSENSE(VIN=264VAC) ,IPEAK-MAX=1V/RSENSE(VIN=85VAC). This proprietary compensation ensures a
constant output power limit for wide AC input voltage from 90VAC to 264VAC.
(6) Protection section
The IC takes on more protection functions such as OLP, OVP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. At the same time, IC enters auto-restart, VCC power on and driver is
reset after VCC power on again.
OLP
After soft-start phase end, IC will shutdown driver if over load state occurs for continual TD-OLP. OLP function will
not inactive during soft-start phase. OLP case as followed Fig. 6. The test circuit as followed Fig.8. TD-OLP=5.53×TSS.
OVP
There are two kinds of OVP circuits, the first OVP function are enabled only when VSS < VSS (DEACT) & VFB>VFB
(OLP) during soft-start phase. During above condition, driver will be shutdown if over voltage state occurs (VCC>VOVP1)
for continual a blanking time. The first OVP function will not inactive after soft-start phase. The second OVP will
shutdown the switching of the power MOSFET whenever VCC>VOVP2. The first OVP case as followed Fig.7. The test
circuit as followed Fig. 9.
Fig.6 OLP case
Fig.7 OVP case


Similar Part No. - UPS1602_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS1602G-D08-T UTC-UPS1602G-D08-T Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602L-D08-T UTC-UPS1602L-D08-T Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS1602_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com