Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS4602G-D08-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UPS4602G-D08-T
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS4602G-D08-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UPS4602G-D08-T Datasheet HTML 2Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 3Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 4Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 5Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 6Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 7Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 8Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 9Page - Unisonic Technologies UPS4602G-D08-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UPS4602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R119-019.A
FUNCTIONAL DESCRIPTION(Cont.)
FIG.6 OLP case
FIG.7 OVP case
UPS4602
470u
2
1
3
4
7
8
6
5
33n
IC3
VCC
15V
VFB
3V
47nF
VCC
VTHD(ON)
5.6V
0
0
TD-OLP
t
t
t
VDRAIN
500Ω/1W
FIG.8 OLP test circuit
FIG.9 OVP test circuit
OTP
OTP will shut down driver when junction temperature TJ>T(THR) for continual a blanking time.
(7) Driver Output Section
The driver-stage drives the gate of the MOSFET and is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope when reaching the MOSFET threshold. This is achieved by a
slope control of the rising edge at the driver’s output. The output driver is clamped by an internal 15V Zener diode in
order to protect power MOSFET transistors against undesirable gate over voltage.
(8) Inside power switch MOS transistor
Specific power MOS transistor parameter is as “POWER MOS TRANSISTOR SECTION” in electrical
characteristics table.


Similar Part No. - UPS4602G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS4602G-D08-T UTC-UPS4602G-D08-T Datasheet
408Kb / 10P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - UPS4602G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS3702 UTC-UPS3702 Datasheet
279Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com