Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5517 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR5517
Description  3A DDR BUS TERMINATION REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5517 Datasheet(HTML) 4 Page - Unisonic Technologies

  UR5517_11 Datasheet HTML 1Page - Unisonic Technologies UR5517_11 Datasheet HTML 2Page - Unisonic Technologies UR5517_11 Datasheet HTML 3Page - Unisonic Technologies UR5517_11 Datasheet HTML 4Page - Unisonic Technologies UR5517_11 Datasheet HTML 5Page - Unisonic Technologies UR5517_11 Datasheet HTML 6Page - Unisonic Technologies UR5517_11 Datasheet HTML 7Page - Unisonic Technologies UR5517_11 Datasheet HTML 8Page - Unisonic Technologies UR5517_11 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UR5517
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R102-041.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage(VIN,VLDOIN,VDDQSNS,S3,S5)
-0.3~6
V
Power Ground Output for the VTT Output
PGND
-0.3~0.3
V
Output Voltage(VTT,VTTREF)
VTT,VTTREF
-0.3~VLDOIN+0.3
V
Junction Temperature
TJ
160
Storage Temperature
TSTG
-55 ~ +160
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Note1, 2)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Voltage
VIN
3
5.5
V
STR and Shutdown Voltage
S3,S5
-0.1
5.5
V
VDDQ Sense Input
VDDQSNS
1.3
3.6
V
Power Supply for the VTT and VTTREF Output Stage
VLDOIN
1.2
3.6
V
Power Ground Output for the VTT Output
PGND
-0.1
0.1
V
Operating Temperature
TA
-40
85
Note: 1. All voltage values are with respect to the network ground terminal unless otherwise noted.
2. Please always keep VLDOIN,VTTSNS,VDDQSNS,S3,S5 lower than VIN on operation.
ELECTRICAL CHARACTERISTICS
(VIN=5V,VLDOIN=VDDQSNS=2.5V, TA=25℃.Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current of VIN
IVIN
S5=Hi,S3=Hi, no load(Normal)
0.5
0.8
2
mA
IVINSTB
S5=Hi,S3=Lo, no load(Standby)
110
200
uA
IVINSDN
S5=Lo,S3=Lo, no load(Shutdown)
1
uA
Current of VLDOIN
IVLDOIN
S5=Hi,S3=Hi, no load(Normal)
0.03
2
mA
IVLDOINSTB S5=Hi,S3=Lo, no load(Standby)
0.1
10
uA
IVLDOINSDN S5=Lo,S3=Lo, no load(Shutdown)
0.1
1
uA
Input Impedance of VDDQSNS
ZVDDQSNS S5=Hi,S3=Hi
200
kΩ
Input Current of VTTSNS
IVTTSNS
S5=Hi,S3=Hi
0.3
1
uA
Output Voltage of VTT
VTT
DDR1(VLDOIN=VDDQSNS=2.5V)
1.25
V
DDR2(VLDOIN=VDDQSNS=1.8V)
0.9
DDR3(VLDOIN=VDDQSNS=1.5V)
0.75
Load Regulation of VTT
(VTTREF-VTT)
VosVTT
IVTT =0
-20
20
mV
I
VTT <
1.5A
-30
30
I
VTT <3A
-40
40
Source Current Limit of VTT
IVTTOCLSRC
VTT=VDDQSNS/2*0.95,PGOOD=HI
3
4
A
VTT=0
1.5
2
Sink Current Limit of VTT
IVTTOCLSNK
VTT=VDDQSNS/2*1.05,PGOOD=HI
3
4
A
VTT=VDDQSNS
1.5
2
Leakage Current of VTT
IVTTLK
S5=Hi,S3=Lo
0.01
uA
Discharge Current of VTT
IVTTDIS
S5=Lo, VDDQSNS=0V,VTT=0.5V
10
20
mA
Output Voltage of VTTREF
VTTREF
DDR1(VLDOIN=VDDQSNS=2.5V)
1.25
V
DDR2(VLDOIN=VDDQSNS=1.8V)
0.9
DDR3(VLDOIN=VDDQSNS=1.5V)
0.75
Load Regulation of VTTREF
ΔVTTREF
I
VTTREF <
10mA
-20
20
mV
High Level Input Voltage
VIH
S3 & S5 pin
1.6
V
Low Level Input Voltage
VIL
S3 & S5 pin
1
Logic Input Leakage Current
IILEAK
S3 & S5 pin
-1
1
uA
Thermal Shutdown Temperature
TSD
VIN=3V~5.5V
160
Thermal Shutdown Hysteresis
ΔTSD
VIN=3V~5.5V
20


Similar Part No. - UR5517_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
More results

Similar Description - UR5517_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com