Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO3336-S Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LO3336-S
Description  Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LO3336-S Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LO3336-S Datasheet HTML 1Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 2Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 3Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 4Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 5Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 6Page - Siemens Semiconductor Group LO3336-S Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
1998-09-18
LS 3336, LA 3336, LO 3336, LY 3336
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
0.4
0.6
3.1
3.4
Area not flat
5.7
6.1
4.8
4.4
3.7
3.5
27.0
29.0
1.2
1.8
GEX06951
Cathode
Approx. weight 0.15 g
Cathode
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
LS, LA, LO
Duty cycle
D = parameter, T
A = 25 ˚C
OHL00322
1
10
-2
10
Ι
F
A
5
10
-5
p
t
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
F
Ι
T
p
t
=
D
p
t
T
0.5
0.2
0.1
D =
0.005
0.01
0.05
0.02
10
-1
10
0
5
5
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
LY
Duty cycle
D = parameter, T
A = 25 ˚C
OHL00316
5
0
10
-2
10
Ι
F
A
10
-1
5
10
-5
p
t
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
F
Ι
T
p
t
=
D
p
t
T
0.5
0.2
0.1
D =
0.005
0.01
0.05
0.02


Similar Part No. - LO3336-S

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3308 ICE-LO3308 Datasheet
176Kb / 1P
   Surface Mount Power Inductors
LO3308 ICE-LO3308 Datasheet
449Kb / 1P
   Surface Mount Power Inductors
LO3308-100-RM ICE-LO3308-100-RM Datasheet
176Kb / 1P
   Surface Mount Power Inductors
LO3308-100-RM ICE-LO3308-100-RM Datasheet
449Kb / 1P
   Surface Mount Power Inductors
LO3308-101-RM ICE-LO3308-101-RM Datasheet
176Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - LO3336-S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com