Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US201 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US201
Description  HIGH-SIDE POWER SWITCHES WITH FLAG
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201 Datasheet(HTML) 6 Page - Unisonic Technologies

  US201_12 Datasheet HTML 1Page - Unisonic Technologies US201_12 Datasheet HTML 2Page - Unisonic Technologies US201_12 Datasheet HTML 3Page - Unisonic Technologies US201_12 Datasheet HTML 4Page - Unisonic Technologies US201_12 Datasheet HTML 5Page - Unisonic Technologies US201_12 Datasheet HTML 6Page - Unisonic Technologies US201_12 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
US201/A/B/C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-302.H
TEST CIRCUIT
VIN
VCTL
VIN
CTL
GND
VOUT
FLG
UTC
US201/A/B/C
CI
RFG
VFLG
CO
RL
IL
VOUT
Fig.4 UVLO at Rising & Falling
VIN
VIN
CTL
GND
VOUT
FLG
UTC
US201/A/B/C
CI
RFG
VFLG
CO
RL
IL
VOUT
S2
A
IOUT
S3
Fig.5 Current Limit vs. Input Voltage, Inrush Current Response,
Current Limit Transient Response
Note:
Above test circuits reflected the graphs shown on “Typical Operating Characteristics” are as follows:
Fig.1 Turn-On Rising & Falling Time vs. Temperature, Turn-On & Off Response, Flag Response.
Fig.2 Supply Current vs. Input Voltage & Temperature, Switch Off Supply Current vs. Temperature, Turn-Off
Leakage Current vs. Temperature.
Fig.3 On-Resistance vs. Input Voltage & Temperature.
Fig.4 EN Threshold Voltage vs. Input Voltage & Temperature, Flag Delay Time vs. Input Voltage &
Temperature, UVLO Threshold vs. Temperature, UVLO at Rising & Falling.
Fig.5 Current Limit vs. Input Voltage/Temperature, Short Circuit Current Response, Short Circuit Current vs.
Temperature, Inrush Current Response, Soft-start Response, Ramped Load Response, Current Limit
Transient Response, Thermal Shutdown Response.


Similar Part No. - US201_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201/A/B/C UTC-US201/A/B/C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201XXG-AF5-R UTC-US201XXG-AF5-R Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201XXG-AF5-R UTC-US201XXG-AF5-R Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
More results

Similar Description - US201_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_18 Datasheet
268Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211C UTC-US211C Datasheet
297Kb / 9P
   HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Aimtron Technology
AT1601 AIMTRON-AT1601 Datasheet
654Kb / 8P
   USB High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
   1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com