Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6084G-TF3-x-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # C6084G-TF3-x-T
Description  SWITCHING REGULATOR APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C6084G-TF3-x-T Datasheet(HTML) 2 Page - Unisonic Technologies

  C6084G-TF3-x-T Datasheet HTML 1Page - Unisonic Technologies C6084G-TF3-x-T Datasheet HTML 2Page - Unisonic Technologies C6084G-TF3-x-T Datasheet HTML 3Page - Unisonic Technologies C6084G-TF3-x-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C6084
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-039.G
ABSOLUTE MAXIMUM RATING (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
TO-220/TO-220F/TO-3P/ TO-263
VCBO
1.5
KV
TO-126
1.4
Collector-Emitter Voltage
VCEO
800
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
TO-220/TO-220F/TO-3P/ TO-263
IC
5
A
TO-126
3
TO-220/TO-220F/TO-3P/ TO-263
ICP
12
A
TO-126
6
Collector Dissipation
TO-220/ TO-263
PC
1.75
W
TO-220F
1.35
TO-126
1.25
TO-3P
3.125
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
1.0
mA
Collector Sustain Voltage
VCEO(SUS)
IC=10mA, IB=0A
800
V
Emitter Cutoff Current
IEBO
VBE=4V, IC=0A
1.0
mA
Collector-Emitter
Saturation Voltage
TO-220/TO-220F/
TO-263/TO-3P
VCE(SAT)
IC=2.7A, IB=0.54A
3
V
TO-126
IC=1.4A, IB=0.27A
3
Base-Emitter
Saturation Voltage
TO-220/ TO-220F/
TO-263/TO-3P
VBE(SAT)
IC=2.7A, IB=0.54A
1.5
V
TO-126
IC=1.4A, IB=0.27A
1.5
DC Current Gain
hFE1
VCE=5V, IC=0.5A
10
25
TO-220/TO-220F/
TO-263/TO-3P
hFE2
VCE=5V, IC=3A
5
8
TO-126
VCE=5V, IC=1.8A
5
8
Fall Time
TF
IC=1.8A, IB1=0.36A, IB2=-0.72A
0.2
µS
CLASSIFICATION OF hFE1
RANK
A
B
C
RANGE
10 ~ 15
15 ~ 20
20 ~ 25


Similar Part No. - C6084G-TF3-x-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
C6084G-TF3-T UTC-C6084G-TF3-T Datasheet
157Kb / 4P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - C6084G-TF3-x-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com