Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066L-D14-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # CD4066L-D14-T
Description  QUAD BILATERAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4066L-D14-T Datasheet(HTML) 6 Page - Unisonic Technologies

  CD4066L-D14-T Datasheet HTML 1Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 2Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 3Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 4Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 5Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 6Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 7Page - Unisonic Technologies CD4066L-D14-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CD4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-739.A
SPECIAL CONSIDERATION
Using continuously under heavy loads may cause UTC CD4066 to decrease in the reliability even if the operating
conditions are within the absolute maximum ratings and the operating ranges.
In applications where separate power sources are used to drive VDD and the signal input, the VDD current capability
should exceed VDD/RL. This provision avoids any permanent current flow or clamp action of the VDD supply when
power is applied or removed from UTC CD4066.
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
tr
tf
tPLH
90%
50%
10%
50%
tPHL
VDD
0V
VDD
0V
VIS
VOS
Fig. 1 tPHL, tPLH Propagation Delay Time Signal Input to Signal Output
CONTROL
IN/OUT
OUT/IN
VDD
VSS
VIS
VCON=VDD
VDD
VOS
RL
200kΩ
CL
50pF
tPLZ
tPZL
VDD
VDD
0V
VOL
VOL
VDD
VDD
0V
tPZL
tPLZ
50%
50%
10%
90%
Fig. 3 tPZL, tPLZ Propagation Delay Time Control to Signal Output
CONTROL
IN/OUT
OUT/IN
VDD
VSS
VIS=0V
VCON
VDD
VOS
RL
1kΩ
CL
50pF
VDD


Similar Part No. - CD4066L-D14-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4066 INTERSIL-CD4066 Datasheet
99Kb / 9P
   CMOS 4-Bit Magnitude Comparator
December 1992
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
   two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066L-D14-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com