Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069L-S14-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CD4069L-S14-T
Description  INVERTER CIRCUITS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069L-S14-T Datasheet(HTML) 3 Page - Unisonic Technologies

  CD4069L-S14-T Datasheet HTML 1Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 2Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 3Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 4Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 5Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 6Page - Unisonic Technologies CD4069L-S14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4069
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-020.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VDD +0.5
V
Storage Temperature Range
TS
-65 ~ +150
Power Dissipation
DIP-14
PD
700
mW
SOP-14
500
Junction Temperature
TJ
125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (VSS=0V )
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TA
-40 ~ 85
DC ELECTRICAL CHARACTERISTICS (VSS=0V, TA=25 ,
unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Device Current
IDD
VDD=5V, VIN=VDD or VSS
1.0
μA
VDD=10V, VIN=VDD or VSS
2.0
VDD=15V, VIN=VDD or VSS
4.0
Low Level Output Voltage
VOL
|IO|<1μA
VDD=5V
0
0.05
V
VDD=10V
0
0.05
VDD=15V
0
0.05
High Level Output Voltage
VOH
|IO|<1μA
VDD=5V
4.95
V
VDD=10V
9.95
VDD=15V
14.95
Low Level Input Voltage
VIL
|IO|<1μA
VDD=5V, VO=4.5V
1.0
V
VDD=10V, VO=9V
2.0
VDD=15V, VO=13.5V
3.0
High Level Input Voltage
VIH
|IO|<1μA
VDD=5V, VO=0.5V
4.0
V
VDD=10V, VO=1V
8.0
VDD=15V, VO=1.5V
12.0
Low Level Output Current
(Note 2)
IOL
VDD=5V, Vo=0.4V
0.44
0.88
mA
VDD=10V, Vo=0.5V
1.1
2.25
VDD=15V, Vo=1.5V
3.0
8.8
High Level Output Current
(Note 2)
IOH
VDD=5V, Vo=4.6V
-0.44
-0.88
mA
VDD=10V, Vo=9.5V
-1.1
-2.25
VDD=15V, Vo=13.5V
-3.0
-8.8
Input Current
IIN
VDD=15V, VIN=0V
-10
-5
-0.30
μA
VDD=15V, VIN=15V
10
-5
0.30


Similar Part No. - CD4069L-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CD4069L-S14-T UTC-CD4069L-S14-T Datasheet
106Kb / 7P
   INVERTER CIRCUIT CMOS IC
More results

Similar Description - CD4069L-S14-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
   Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
   Inverter Circuits
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
   Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_15 Datasheet
286Kb / 7P
   INVERTER CIRCUITS
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com