Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR233.UR233L-XX-TQ2-B-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UR233.UR233L-XX-TQ2-B-T
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR233.UR233L-XX-TQ2-B-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UR233.UR233L-XX-TQ2-B-T Datasheet HTML 2Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 3Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 4Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 5Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 6Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 7Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 8Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 9Page - Unisonic Technologies UR233.UR233L-XX-TQ2-B-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UR233
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R102-011.D
ELECTRICAL CHARACTERISTICS(Cont.)
For UR233-3.3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN =5.3V, IOUT =10mA,
TJ =25°С
±1%
3.267
3.300
3.333
V
Output Voltage
VOUT
VIN =4.8 ~ 12V,
IOUT =2 ~ 800mA
±2%
3.234
3.366
V
Line Regulation
ΔVOUT
VIN =4.8 ~ 12V, IOUT =2mA
1
6
mV
Load Regulation
ΔVOUT
VIN =4.8V, IOUT =2 ~ 800mA
1
10
mV
Temperature Stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT
1000 hrs, TJ =125°С
0.3
%
Operating Input Voltage
VIN
IOUT =100mA
12
V
Quiescent Current
IQ
VIN =12V
5
10
mA
Output Current
IOUT
VIN =8.3V, TJ =25°С
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ =25°С
100
μV
Supply Voltage Rejection
SVR
IOUT =40mA, f=120Hz, TJ =25°С,
VIN =6.3V, VRIPPLE =1Vpp
60
75
dB
Dropout Voltage
VD
1.50
V
Thermal Regulation
TA =25°С, 30ms Pulse
0.01
0.10
%/W
For UR233-5.0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN =7V, IOUT =10mA,
TJ =25°С
±1%
4.95
5.00
5.05
V
Output Voltage
VOUT
VIN =6.5 ~ 12V,
IOUT =2 ~ 800mA
±2%
4.90
5.10
V
Line Regulation
ΔVOUT
VIN =6.5 ~ 12V, IOUT =2mA
1
10
mV
Load Regulation
ΔVOUT
VIN =6.5V, IOUT =2 ~ 800mA
1
15
mV
Temperature Stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT
1000 hrs, TJ =125°С
0.3
%
Operating Input Voltage
VIN
IOUT =100mA
12
V
Quiescent Current
IQ
VIN =12V
5
10
mA
Output Current
IOUT
VIN =10V, TJ =25°С
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ =25°С
100
μV
Supply Voltage Rejection
SVR
IOUT =40mA, f=120Hz, TJ =25°С,
VIN =8V, VRIPPLE =1Vpp
60
75
dB
Dropout Voltage
VD
1.50
V
Thermal Regulation
TA =25°С, 30ms Pulse
0.01
0.10
%/W


Similar Part No. - UR233.UR233L-XX-TQ2-B-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR233 UTC-UR233 Datasheet
106Kb / 8P
   LINEAR INTEGRATED CIRCUIT
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UR233.UR233L-XX-TQ2-B-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com