Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG3369-EH Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LG3369-EH
Description  LC 3 mm T1 LED, Diffused Low Current LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LG3369-EH Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LG3369-EH Datasheet HTML 1Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 2Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 3Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 4Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 5Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 6Page - Siemens Semiconductor Group LG3369-EH Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-07-13
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 55 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
°C
Durchlaßstrom
Forward current
I
F
7.5
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.15
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
T
A ≤ 25 °C
P
tot
20
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
500
K/W
LS 3369, LY 3369, LG 3369


Similar Part No. - LG3369-EH

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LG3360 SIEMENS-LG3360 Datasheet
91Kb / 1P
   T1(3mm) LED LAMP
LG3360-HL SIEMENS-LG3360-HL Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LG3360-J SIEMENS-LG3360-J Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LG3360-K SIEMENS-LG3360-K Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LG3360-KN SIEMENS-LG3360-KN Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results

Similar Description - LG3369-EH

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com