Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSA670-HL Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSA670-HL
Description  SIDELED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSA670-HL Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSA670-HL Datasheet HTML 1Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 2Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 3Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 4Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 5Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 6Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 7Page - Siemens Semiconductor Group LSA670-HL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
1998-11-12
Besondere Merkmale
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Reflow-Löttechniken geeignet
q
gegurtet (12-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and reflow soldering methods
q
available taped on reel (12 mm tape)
q
load dump resistant acc. to DIN 40839
SIDELED®
LS A670, LO A670, LY A670
LG A670, LP A670


Similar Part No. - LSA670-HL

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSA670 OSRAM-LSA670 Datasheet
428Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LSA670-HL

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
   SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
   SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
   SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
   SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
   SIDELED
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
   SIDELED
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com